Part Number Hot Search : 
0ST23 ALP304 CS858 030D06E2 MCM6306D AHYBA 40P03 ST62T35B
Product Description
Full Text Search
 

To Download TO-92 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company
TO-92 (3 leads) Leaded Thru-hole Plastic Package Package Outline, Taping and Packaging Information
Continental Device India Limited
Data Sheet
Page 1 of 4
TO-92 Plastic Package TO-92 Plastic Package
B
Dimension With 'L'
DIM
Uncontrolled
MIN. 4.32 4.45 3.18 0.41 0.35
MAX. 5.33 5.20 4.19 0.55 0.50
A B C D E
Solderability Ensured
L
Beyond 'L'
2 3 D G AA
K
1
A
D E
F G H K L
5 DEG 1.14 1.40 1.14 1.53 12.70 -- 1.982 2.082
SEC AA
All diminsions in mm.
F
F
H
321
C PIN CONFIGURATION AVAILABLE IN TO - 92 CDIL CODE STYLE TO - 92 TO - 92-1 TO - 92-2 TO - 92-3 TO - 92-4 PIN 1 PIN 2 PIN 3
COLLECTOR BASE BASE COLLECTOR EMITTER
BASE COLLECTOR EMITTER EMITTER BASE
EMITTER EMITTER COLLECTOR BASE COLLECTOR
3
2
1
Packing Detail
PACKAGE TO-92 Bulk TO-92 T&A STANDARD PACK Details Net Weight/Qty 1K/polybag 200 gm/1K pcs 2K/ammo box 645 gm/2K pcs INNER CARTON BOX Size Qty 3" x 7.5" x 7.5" 5K 12.5" x 8" x 1.8" 2K
Data Sheet
OUTER CARTON BOX Size Qty Gr Wt 17" x 15" x 13.5" 80K 23 kgs 17" x 15" x 13.5" 32K 12.5 kgs
Page 2 of 4
Continental Device India Limited
TO-92 Plastic Package TO-92 Transistors on Tape and Ammo Pack
MECHANICAL DATA
h
T
P h A H3 H1 Ho L H2 C1 C2 A1
(p)
h1
h1
Ammo Pack Style
Adhesive Tape on Top Side
FE
ED
Carrier Strip
W2 Wo
LABEL
W1 W
FLAT SIDE
183
t1 t F1 F P2 Po F2 Do
331
42
Flat Side of Transistor and Adhesive Tape Visible 2000 pcs./Ammo Pack
ITEM BODY WIDTH BODY HEIGHT BODY THICKNESS PITCH OF COMPONENT FEED HOLE PITCH FEED HOLE CENTRE TO COMPONENT CENTRE DISTANCE BETWEEN OUTER LEADS COMPONENT ALIGNMENT SIDE VIEW COMPONENT ALIGNMENT FRONT VIEW TAPE WIDTH HOLD-DOWN TAPE WIDTH HOLE POSITION HOLD-DOWN TAPE POSITION LEAD WIRE CLINCH HEIGHT COMPONENT HEIGHT LENGTH OF SNIPPED LEADS FEED HOLE DIAMETER TOTAL TAPE THICKNESS LEAD - TO - LEAD DISTANCE STAND OFF CLINCH HEIGHT LEAD PARALLELISM PULL - OUT FORCE
SPECIFICATION SYMBOL A1 A T P Po P2 F h h1 W Wo W1 W2 Ho H1 L Do t F1, F2 H2 H3 | C1 - C2 | (P) MIN. NOM. MAX. 4.0 4.8 3.9 12.7 12.7 6.35 5.08 0 0 18 6 9 0.5 16 23.25 11.0 4 1.2 2.54 0.45 1.45 3.0 0.22 +0.4, -0.1 %%P0.2 t1 0.3 - 0.6 4.8 5.2 4.2 %%P1 %%P0.3 %%P0.4 +0.6 -0.2 1.0 1.3 %%P0.5 %%P0.2 +0.7 -0.5 %%P0.2 %%P0.5 CUMULATIVE PITCH ERROR 1.0 mm/20 PITCH TO BE MEASURED AT BOTTOM OF CLINCH TOL . REMARKS
AT TOP OF BODY AT TOP OF BODY
6N
NOTES 1. MAXIMUM ALIGNMENT DEVIATION BETWEEN LEADS NOT TO BE GREATER THAN 0.2 mm. 2. MAXIMUM NON-CUMULATIVE VARIATION BETWEEN TAPE FEED HOLES SHALL NOT EXCEED 1 mm IN 20 PITCHES. 3. HOLDDOWN TAPE NOT TO EXCEED BEYOND THE EDGE(S) OF CARRIER TAPE AND THERE SHALL BE NO EXPOSURE OF ADHESIVE. 4. NO MORE THAN 3 CONSECUTIVE MISSING COMPONENTS IS PERMITTED. 5. A TAPE TRAILER, HAVING AT LEAST THREE FEED HOLES IS REQUIRED AFTER THE LAST COMPONENT. 6. SPLICES SHALL NOT INTERFERE WITH THE SPROCKET FEED HOLES.
Continental Device India Limited
Data Sheet
Page 3 of 4
Notes
TO-92 Plastic Package
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished in the Data Sheet and on the CDIL Web Site/CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-2579 6150, 5141 1112 Fax + 91-11-2579 5290, 5141 1119 email@cdil.com www.cdilsemi.com Continental Device India Limited
Data Sheet Page 4 of 4


▲Up To Search▲   

 
Price & Availability of TO-92

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X